Part Number Hot Search : 
BFS466L6 75R12K 2SC1413A HT7L4813 BH6513 X80204 MIC4128 APTD3216
Product Description
Full Text Search
 

To Download ILC0402ER10NJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ILC-0402
Vishay Dale
Surface Mount, Multi Layer High Frequency Ceramic Inductor
FEATURES
* * * * High reliability Surface mountable Reflow or wave solderable Tape and reel packaging per EIA specifications: 4000 pieces on 7" reel * 100 % lead (Pb)-free and RoHS compliant
RoHS
COMPLIANT
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 second dip in 235 C solder following 60 s preheat at 120 C and type R flux dip Resistance to Solder Heat: 10 s in 260 C solder, after preheat and flux above Terminal Strength: 0.2 kg (0.44 lbs) for 30 s Beam Strength: 0.2 kg (0.44 lbs)
Flex: 0.0788" [2.0 mm] minimum mounted on 0.063" [1.6 mm] thick PC board
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55 C to + 125 C Thermal Shock: 100 cycles, - 40 C to + 85 C Humidity: + 40 C, 85 % RH, 1000 h at full rated current Load Life: 85 C for 1000 h full rated current
STANDARD ELECTRICAL SPECIFICATIONS
PART NUMBER ILC0402ER1N0S ILC0402ER1N2S ILC0402ER1N5S ILC0402ER1N8S ILC0402ER2N2S ILC0402ER2N7S ILC0402ER3N3S ILC0402ER3N9S ILC0402ER4N7S ILC0402ER5N6S ILC0402ER6N8J ILC0402ER8N2J ILC0402ER10NJ ILC0402ER12NJ ILC0402ER15NJ ILC0402ER18NJ ILC0402ER22NJ ILC0402ER27NJ ILC0402ER33NJ ILC0402ER39NJ ILC0402ER47NJ ILC0402ER56NJ ILC0402ER68NJ ILC0402ER82NJ ILC0402ERR10J INDUCTANCE (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 TOL. 0.3 nH 0.3 nH 0.3 nH 0.3 nH 0.3 nH 0.3 nH 0.3 nH 0.3 nH 0.3 nH 0.3 nH 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% 5% TEST Q FREQUENCY (MIN.) (MHz) 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 Q (TYPICAL) 100 MHz 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 11 11 11 11 500 MHz 1000 MHz 21 23 25 25 23 21 22 19 19 20 19 22 18 18 19 20 22 22 19 21 18 21 18 19 17 30 31 35 35 32 30 31 26 26 26 26 29 23 23 24 25 26 25 20 20 15 14 12 8 2 DCR MAX. () 0.12 0.12 0.13 0.14 0.16 0.17 0.19 0.22 0.24 0.27 0.32 0.37 0.42 0.50 0.55 0.65 0.80 0.90 1.00 1.20 1.30 1.40 1.40 2.00 2.00 SRF (MHz) MIN. 10 000 10000 6000 6000 6000 6000 6000 4000 4000 4000 3900 3600 3200 2700 2300 2100 1900 1600 1300 1200 1000 750 750 600 600 TYP 18 000 17 000 11 000 11 000 8700 7800 6400 5800 5100 4700 4200 3800 3400 2900 2500 2400 2200 2000 1800 1600 1500 1200 1250 1100 1000 MAX. RATED CURRENT (mA) 300 300 300 300 300 300 300 300 300 300 250 250 250 250 250 200 200 200 200 150 150 150 150 100 100
DIMENSIONS in inches [millimeters]
Ceramic Body 0.02 0.004 [0.5 0.1] 0.01 0.004 [0.25 0.1] 0.04 0.004 [1.0 0.1] 0.02 0.004 [0.5 0.1]
DESCRIPTION
ILC-0402 MODEL 10 nH INDUCTANCE VALUE 10 % INDUCTANCE TOLERANCE ER PACKAGE CODE e3 JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I L C 0 4
SIZE
0
2
E
R
1
0
INDUCTANCE VALUE
N
K
TOL.
PRODUCT FAMILY
PACKAGE CODE
www.vishay.com 90
For technical questions, contact: magnetics@vishay.com
Document Number: 34120 Revision: 11-Oct-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ILC0402ER10NJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X